Part Number Hot Search : 
UF200G M41T00 AN7420 360H1 DL4446 MKP5100A M41T00 ZL50020
Product Description
Full Text Search
 

To Download LBR-123S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reflective Object Sensor Model No: LBR-123S Description
The LBR-123S is a light reflection switch that includes a GaAs IRLED transmitter and a NPN photo-transistor with a high photosensitive receiver for short distance, operating in the infrared range. Both components are mounted side-by-side in a plastic package.
Features
Fast response time High sensitivity Cutting wavelength =840nm Thin Compact
Applications
Camera VCR Floppy disk driver Cassette type recorder Various microcomputer control equipment
Outline dimensions
3 1
4
2
1 2 3 1 2 3 4 4
1
Letex Technology Corp.
Reflective Object Sensor
Model No: LBR-123S Absolute Maximum Ratings (Ambient Temperature: 25) Item Symbol Rating Forward current IF 50 Reverse voltage VR 5 Input Peak forward current IFP 1 Power dissipation Collector current Collector-Emitter voltage Output Emitter-Collector voltage Collector power dissipation Storage Temperature Operating Temperature Soldering Temperature Pd Ic BVceo BVeco Pc Tstg Top Tsol 75 50 30 5 75 -40 to +85 -25 to +85 260
Units mA V A mW mA V V mW
Note
Pulse width100s, Duty cycle=1%
10 seconds max.
Electrical Specifications (Ambient Temperature: 25) Item Symbol MIN. Forward voltage VF Reverse current IR Input Peak wavelength p View angle 21/2 Dark current Iceo Output C-E saturation voltage Vce(sat) Light current Ic(on) 0.1 Leakage current ILeak Rise Time tr Speed Fall Time tf
TYP. 1.2 940 110
MAX. 1.6 10
100 0.4 1 20 20
Units V A nm Deg. nA V mA A s
Conditions
IF=20mA VR=5V IF=20mA Vce=10V Ic=2mA, IB=0.1mA Vce=5V IF=20mA Vce=2V Ic=100uA RL=1K
2
Letex Technology Corp.
Reflective Object Sensor Reference Data
Forward current Vs. Ambient temperature
60 50 100 2000
Power dissipation Vs. Ambient temperature
Peak forward current Vs. Duty ratio
Power dissipation (mW)
Peak forward current (mA)
1000 500 200 100 50 20
Pulse width 100us Ta = 25
Forward current (mA)
40 30 20 10 0 -30 0 25 50 75 100 125
80 60 40 20 0 -25 0 25 50 75 100 125
10 5 10
-3
2
5 10
-2
2
5 10
-1
2
5 10
0
Ambient temperature ()
Ambient temperature ()
Duty ratio
Forward current Vs. Forward voltage
500 200
Ta = 75 50 25 0 25
Collector current Vs. Forward current
700 600 Vce = 2V Ta = 25
Collector current Vs. Collector-Emitter voltage
350 Ta = 25 300 15mA
100 50 20 10 5
500 400 300 200 100
Collector current (mA)
Forward current (mA)
Collector current (uA)
250 200 150 100 4mA 50 IF=2mA 0 10mA
7mA
2 1 0 0.5 1.0 1.5 2.0 2.5 3.0 0 0 5 10 15 20 25 30 0 2 4 6
8
10
12
Forward voltage (V)
Forward current (mA)
Collector-Emitter voltage (V)
Collector current Vs. Ambient temperature
50 IF = 4mA Vce = 2V 500 200 100
Response time Vs. Load resistance
10 -5 Vce = 2V Ic = 100uA Ta = 25
Collector dark current Vs. Ambient temperature
Vce = 20V
50 20 10 5 2 1 0.5 0.2
30
td tf tr ts
Collector dark current (A)
2 5 10
Collector current (uA)
Response time (s)
40
10 -6 10 -7 10 -8 10 -9 10 -10 10 -11
20
10
0 -25 0 25 50 75 100
0.1 0.1 0.2 0.5 1
-25
0
25
50
75
100
Ambient temperature ()
Load resistance (k )
Ambient temperature ()
Relative collector current Vs. Card moving distance(1)
100 d=1mm IF = 4mA Vce = 2V Ta=25
Relative collector current Vs. Card moving distance(2)
100 d=1mm IF = 4mA Vce = 2V Ta=25
Test circuit for resopnse time
Vcc Input Input RD RL Output Output 10%
Relative collector current ( %)
Relative collector current (%)
80
80
60
60
90%
40
40
20
20
0 -5
-4
-3
-2
-1
0
1
2
3
4
5
0 -5
-4
-3
-2
-1
0
1
2
3
4
5
Card moving distance (mm)
Card moving distance (mm)
3
Letex Technology Corp.
4
Letex Technology Corp.


▲Up To Search▲   

 
Price & Availability of LBR-123S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X